Part Number Hot Search : 
300R1 AUP1T A7500 16800 MB3807 SU145 ATMEGA32 N7813A
Product Description
Full Text Search
 

To Download HCC40147B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC40147B HCF40147B
10 TO 4 LINE BCD PRIORITY ENCODER
.ENCODES10LI .ACTI .STANDARDI .100%TESTEDFORQUI .5V,10VAND15VPARAMETRI .MAXI .NOI .KEYBOARDENCODI .10LI .RANGESELECTI
APPLICATIONS: NG NE TO BCD ENCODING ON
NE TO 4 LINE BCD VE LOW INPUTS AND OUTPUTS ZED, SYMMETRICAL OUTPUT CHARACTERIZATION ESCENT CURRENT AT 20 V C RATINGS MUM INPUT CURREENT OF 1 A AT 18V OVER FULL PACKAGE TEMPERATURE o RANGE; 100 nA AT 18 V AND 25 C SE MARGIN (FULL PACKAGE TEMPERATURE RANGE): 1V AT VDD = 5V, 2V AT VDD = 10V, 2.5V AT VDD = 15V
EY (Plastic Package)
F (Ceramic Package)
M1 (Micro Package)
C1 (Chip Carrier)
ORDER CODES : HCC40147BF HCF40147BM1 HCF40147BEY HCF40147BC1
PIN CONNECTIONS
DESCRIPTION The HCC/HCF40147B CMOS encoder features priority encoding of the inputs to ensure that only the highest order data line is encoded. Ten data input lines (0-9) are encoded to four line (8, 4, 2, 1) BCD. The highest priority line is line 9. All four output lines are logic 1 (VSS) when all input lines are logic 0. All inputs and outputs are buffered, and each output can drive one TTL Low Power Schottky load. The HCC/HCFF40147 is functionally similar to the T54/T74LS147 if pin 15 is tied low. The HCC/HCF40147B types are supplied in 16 lead plastic or ceramic and plastic micropackage.
April 1991 1/12
HCC/HCF40147B
ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Parameter Supply Voltage: HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature: HCC Types HCF Types Storage Temperature Value -0.5 to +20 -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -40 to +85 -65 to +150 Unit V V V mA mW mW
o o o
Top Tstg
C C C
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress ratingonly and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Parameter Supply Voltage: HCC Types HCF Types Input Voltage Operating Temperature: HCC Types HCF Types Value 3 to 18 3 to 15 0 to VDD -55 to +125 -40 to +85 Unit V V V
o o
C C
TRUTH TABLE
INPUT 0 0 1 X X X X X X X X X 1 0 0 1 X X X X X X X X 2 0 0 0 1 X X X X X X X 3 0 0 0 0 1 X X X X X X 4 0 0 0 0 0 1 X X X X X 5 0 0 0 0 0 0 1 X X X X 6 0 0 0 0 0 0 0 1 X X X 7 0 0 0 0 0 0 0 0 1 X X 8 0 0 0 0 0 0 0 0 0 1 X 9 0 0 0 0 0 0 0 0 0 0 1 D 1 0 0 0 0 0 0 0 0 1 1 OUTPUTS C 1 0 0 0 0 1 1 1 1 0 0 B 1 0 0 1 1 0 0 1 1 0 0 A 1 0 1 0 1 0 1 0 1 0 1
0 = High Level, 1 = Low Level, X = Don't Care
2/12
HCC/HCF40147B
LOGIC DIAGRAM
3/12
HCC/HCF40147B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditios Symbol IL Parameter Quiescent Current VI (V) 0/5 HCC Types 0/10 0/15 0/20 HCF Types V OH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Current 0/5 HCC Types 0/5 0/10 0/15 0/5 HCF Types 0/5 0/10 0/15 IOL Output Sink Current HCC Types HCF Types IIH, IIL CI Input Leakage Current Input Capacitance 0/5 0/10 0/15 0/5 0/10 0/15 0/18 0/15 0/5 0/10 0/15 0/5 0/10 0/15 5/0 10/0 15/0 VIH 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 Any Input Any Input <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 15 -2 -0.64 -1.6 -4.2 -1.53 -0.52 -1.3 -3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.3 3.5 7 11 1.5 3 4 -1.6 -0.51 -1.3 -3.4 -1.36 -0.44 -1.1 -3.0 0.51 1.3 3.4 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 -3.2 -1 -2.6 -6.8 1 2.6 6.8 1 2.6 6.8 10-5 10-5 5 0.1 0.3 7.5 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.15 -0.36 -0.9 -2.4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 1 A A pF mA mA TLOW * Min. Max. 1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 V V Value 25 oC Min. Typ. Max. 0.02 0.02 0.02 0.04 0.02 0.02 0.02 1 2 4 20 4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 V V THIGH * Min. Max. 30 60 120 600 30 60 120 A Unit
VOL
V IL
IOH
* TLOW = -55 oC for HCC device: -40 oC for HCF device. * THIGH = +125 oC for HCC device: +85 oC for HCF device. The Noise Margin for both "1" and "0" level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V
4/12
HCC/HCF40147B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol tPLH tPHL tPLH tPHL tTLH tTHL CI Parameter Propagation Delay Time In Phase Output Propagation Delay Time Out of Phase Output Transition Time Test Conditions VDD (V) 5 10 15 5 10 15 5 10 15 Min. Value Typ. 450 200 150 425 175 125 100 50 40 5 Max. 900 400 300 850 350 250 200 100 80 7.5 Unit
ns
ns
ns pF
Input Capacitance
Typical Output Low (source) Current Characteristics
Minimum Output Low (source) Current Characteristics
Typical Output High (source) Current Characteristics
Minimum Output High (source) Current Characteristics
5/12
HCC/HCF40147B
Propagation Delay Time vs Load Capacitance Tipical Transition Time vs Load Capacitance
Typical Dynamic Power Dissipation vs Input Frequency
6/12
HCC/HCF40147B
TEST CIRCUITS Quiescent Device Current. Noise Immunity.
Input Leakage Current.
Dynamic Power DIssipation Test Circuit
7/12
HCC/HCF40147B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
8/12
HCC/HCF40147B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
9/12
HCC/HCF40147B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
10/12
HCC/HCF40147B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
11/12
HCC/HCF40147B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
12/12


▲Up To Search▲   

 
Price & Availability of HCC40147B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X